Part Number Hot Search : 
C101M KBU4K F0805 40ST1 4000T MMBZ5238 AD198 MC1906L
Product Description
Full Text Search
 

To Download RXEF160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PolySwitch(R) PTC Devices
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
PRODUCT: RXEF160
DOCUMENT: SCD 25225 PCN: E53493 REV LETTER: E REV DATE: DECEMBER 9, 2009 PAGE NO.: 1 OF 1
Overcurrent Protection Device Raychem Circuit Protection Products
Specification Status: Released
Electrical Rating
Voltage: Current: 72V MAX 40A MAX
Insulating Material: Cured, Flame Retardant Epoxy Polymer meets UL94 V-0 Requirements Lead Material: 20 AWG Tin Plated Copper Marking:
Manufacturer's Mark and Voltage Part Identification Lot Identification (can be on back)
72 XF160
TABLE I. DIMENSIONS:
A B MIN MAX MIN MAX -16.3 -20.8 -(0.64) -(0.82) *Rounded off approximation C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN --E MAX 3.0 (0.12)
mm: in*:
TABLE II. PERFORMANCE RATINGS :
I HOLD RATED CURRENT CURRENT RATINGS INITIAL RESISTANCE VALUES TIME TO TRIP ONE HOUR POST-TRIP RESISTANCE STANDARD TRIP OHMS AT 20C MAX 0.22 TRIPPEDSTATE POWER DISSIPATION WATTS AT 20C NOMINAL 1.9
AMPERES AT 20C HOLD 1.60
AMPERES AT 20C HOLD TRIP 1.60 3.20
OHMS AT 20C MIN MAX 0.09 0.14
SECONDS AT 20C, 8.0A MAX 11.4
Agency Recognitions: Reference Documents: Precedence: Effectivity: CAUTION:
UL, CSA and TUV PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant ELV Compliant Pb-Free
(c) 2005, 2009 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of RXEF160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X